Part Number Hot Search : 
BAT75008 68HC711 AD239 74FCT1 4D391 M54581P 74182 ZM4728
Product Description
Full Text Search
 

To Download P6KE22CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transient voltage suppressors p6ke series speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electronic s circuit prote ct io n system
page:1 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - p6ke series features mechanical characteristics rating symbol value units peak pulse power dissipation by 10x1000s test waveform (fig.1)(note 1) p ppm 600 watts steady state power dissipation on ini? nite heat sink at tl=75c (fig. 5) p d 5 watts peak forward surge current, 8.3ms single half sine wave unidirectional only (note 2) i fsm 100 amps maximum instantaneous forward voltage at 25a for unidirectional only (note 3) v f 3.5/5.0 v operating junction and storage temperature range. t j , t stg -55c to 175c c typical thermal resistance junction to lead r ujl 20 c/w typical thermal resistance junction to ambient r uja 75 c/w notes: 1. non-repetitive current pulse , per fig. 3 and derated above ta = 25c per fig. 2. 2. measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum. 3. vf<3.5v for devices of vbr _< 200v and vf<5.0v for devices of vbr _> 201v . 1. halogen-free 2. rohs compliant 3. typical maximum temperature coef ?cient 4. v br =0.1%xv br @25c x t 5. glass passivated chip junction in do-15 package 6. 600w peak pulse capadility at 10x1000s waveform,repetition rate (duty cycles):0.01% 7. fast response time:typically less than 1.0ps from 0 volts to bv min 8. excellent clamping capability 9. low incremental surge resistance 10. typical ir less than 5a above 11v 11. high temperature soldering guaranteed: 260c/40 seconds / 0.375, \(9.5mm) lead length, 5lbs., (2.3kg)tension 12. plastic package has underwriters laboratory fammability classi?cation 94v-0 tvs devices are ideal for the protection of i/o interfaces,vcc bus and other vulnerable circuits used in telecom, computer , industrial and consumer electronic applications. "yjbm-fbefe&?8,1tfsjft uni bi uni bi anode cathode applications circuit prote ct io n system
transient voltage suppressors - p6ke series page:2 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electriacl characteristics type number reverse stand- off voltage breakdown voltage@i t test current maximum clamping voltage@i pp peak pulse current reverse leakage @v rwm (uni) (bi) v rwm (v) v br min. (v) v br.max. (v) i t (ma) v c (v) i pp (a) i r (a) p6ke6.8a p6ke6.8ca 5.80 6.45 7.14 10 10.5 58.1 1000 p6ke7.5a p6ke7.5ca 6.40 7.13 7.88 10 11.3 54.0 500 p6ke8.2a p6ke8.2ca 7.02 7.79 8.61 10 12.1 50.4 200 p6ke9.1a p6ke9.1ca 7.78 8.65 9.55 1 13.4 45.5 50 p6ke10a p6ke10ca 8.55 9.50 10.50 1 14.5 42.1 10 p6ke11a p6ke11ca 9.40 10.50 11.60 1 15.6 39.1 5 p6ke12a p6ke12ca 10.20 11.40 12.60 1 16.7 36.5 5 p6ke13a p6ke13ca 11.10 12.40 13.70 1 18.2 33.5 5 p6ke15a p6ke15ca 12.80 14.30 15.80 1 21.2 28.8 5 p6ke16a p6ke16ca 13.60 15.20 16.80 1 22.5 27.1 5 p6ke18a p6ke18ca 15.30 17.10 18.90 1 25.2 24.2 5 p6ke20a p6ke20ca 17.10 19.00 21.00 1 27.7 22.0 5 p6ke22a P6KE22CA 18.80 20.90 23.10 1 30.6 19.9 5 p6ke24a p6ke24ca 20.50 22.80 25.20 1 33.2 18.4 5 p6ke27a p6ke27ca 23.10 25.70 28.40 1 37.5 16.3 5 p6ke30a p6ke30ca 25.60 28.50 31.50 1 41.4 14.7 5 p6ke33a p6ke33ca 28.20 31.40 34.70 1 45.7 13.3 5 p6ke36a p6ke36ca 30.80 34.20 37.80 1 49.9 12.2 5 p6ke39a p6ke39ca 33.30 37.10 41.00 1 53.9 11.3 5 p6ke43a p6ke43ca 36.80 40.90 45.20 1 59.3 10.3 5 p6ke47a p6ke47ca 40.20 44.70 49.40 1 64.8 9.4 5 p6ke51a p6ke51ca 43.60 48.50 53.60 1 70.1 8.7 5 p6ke56a p6ke56ca 47.80 53.20 58.80 1 77.0 7.9 5 p6ke62a p6ke62ca 53.00 58.90 65.10 1 85.0 7.2 5 p6ke68a p6ke68ca 58.10 64.60 71.40 1 92.0 6.6 5 p6ke75a p6ke75ca 64.10 71.30 78.80 1 103.0 5.9 5 p6ke82a p6ke82ca 70.10 77.90 86.10 1 113.0 5.4 5 p6ke91a p6ke91ca 77.80 86.50 95.50 1 125.0 4.9 5 p6ke100a p6ke100ca 85.50 95.00 105.00 1 137.0 4.5 5 p6ke110a p6ke110ca 94.00 105.00 116.00 1 152.0 4.0 5 p6ke120a p6ke120ca 102.00 114.00 126.00 1 165.0 3.7 5 p6ke130a p6ke130ca 111.00 124.00 137.00 1 179.0 3.4 5 p6ke150a p6ke150ca 128.00 143.00 158.00 1 207.0 2.9 5 p6ke160a p6ke160ca 136.00 152.00 168.00 1 219.0 2.8 5 p6ke170a p6ke170ca 145.00 162.00 179.00 1 234.0 2.6 5 p6ke180a p6ke180ca 154.00 171.00 189.00 1 246.0 2.5 5 p6ke200a p6ke200ca 171.00 190.00 210.00 1 274.0 2.2 5 p6ke220a p6ke220ca 185.00 209.00 231.00 1 328.0 1.9 5 p6ke250a p6ke250ca 214.00 237.00 263.00 1 344.0 1.8 5 p6ke300a p6ke300ca 256.00 285.00 315.00 1 414.0 1.5 5 p6ke350a p6ke350ca 300.00 332.00 368.00 1 482.0 1.3 5 p6ke400a p6ke400ca 342.00 380.00 420.00 1 548.0 1.1 5 p6ke440a p6ke440ca 376.00 418.00 462.00 1 602.0 1.0 5 p6ke480a p6ke480ca 408.00 456.00 504.00 1 658.0 0.9 5 for bidirectional type having v r of 10 volts and less, the i r limit is double. for parts without a , the v br is 10% and v c is 5% higher than with a parts circuit prote ct io n system
page:3 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - p6ke series ratings and characteristic curves figure 1 - p eak pulse p owe r rating cur ve figure 2 - pulse der ating cur ve figure 3 - pulse w av ef or m figure 4 - t ypical junction capacitanc e figure 5 - st eady stat e po we r der ating cur ve figure 6 - maximum non-repetiti ve p eak f orwa rd surg e curr ent t d - pulse width (sec.) p ppm - peak pulse power (kw) 0.1s 1.0s 10s 100s 1.0ms 10ms 0.1 1 10 100 t a peak pulse power (p pp ) or current (i pp ) derating in percentage, % 0 0 25 25 50 50 75 75 100 100 125 150 175 2 00 i ppm - p eak p ulse cur rent, % i rsm 0 0 50 1 0 0 1 50 1 .0 2.0 3.0 4.0 t r =1 0sec p eak v alue i ppm i ppm 2 t j =25c as the point where the peak cur rent decays to 50% of i ppm 1 0 /1 0 0 0sec. w aveform t d t-t ime (ms) half v alue i ppm ( ) 1 1 0 1 0 0 1 0 0 0 1 0 0 0 0 1 . 0 1 0 . 0 1 0 0 . 0 1 0 0 0 . 0 v br - r eve r s e b r e a kdo w n v o l t a g e ( v ) c j ( p f ) t j = 2 5 c f = 1 . 0 m h z v s i g = 5 0 m v p - p u n i - d i r e c t i o n a l v r = 0 v b i - d i r e c t i ona l v r = 0 v u n i - d i r e c t i o n a l @ v r b i - d i r e c t i o n a l @ v r 0 0 . 2 0 . 4 0 . 6 0 . 8 1 1 . 2 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 1 7 5 2 0 0 s t e a d y s a t e p o wer d i s s i p a t i o n ( w ) l = 0.375" (9.5mm) lead lengths t l -lead t emperature( o c ) 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 4 5 0 0 1 0 1 1 n u m b e r o f c y c l e s a t 6 0 h z i fsm - p eak f or w ard surge c urrent (a) sur g e cur r ent uni-dir ectional only circuit prote ct io n system
transient voltage suppressors - p6ke series page:4 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. soldering parameters fefow condition lead-free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(min) ) 200c - time (min to max) (t s ) 60-180 secs average ramp up rate (liquidus temp (t l ) to peak 3c/second max t s(max) to t l - ramp-up rate 3c/second max refow - temperature (t l ) (liquidus) 217c - time (min to max) (t s ) 60-150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20-40 seconds ramp-down rate 6c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c t ( e r u t a r e p m e t) ti me (t) t s(min) t s(max) t l t p t s preheat t l t p e n o z l a c i t i r c p u - p m a r t l to t p ramp-dow n physical specifcations weight 0.045oz., 1.2g case jedec do-201 molded plastic body over passivated junction. polarity color band denotes the cathode except bipolar. termina matte tin axial leads, solderable per jesd22-b102d. flow/wave soldering peak temperature : 265c dipping time : 10 seconds soldering : 1 time environmental specifcations temperature cycle jesd22-a104 pressure cooker jesd 22-a102 high temp. storage jesd22-a103 htrb jesd22-a108 thermal shock jesd22-a106 circuit prote ct io n system
page:5 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - p6ke series dimensions storage conditions: 1. storage temperature: -10c~+40c 2. relative humidity:75%rh 3. keep away from corrosive atmosphere and sunlight. period of storage: 1 year warehouse storage conditions of products packaging part number component package quantity packaging option packaging speci?cation p6kexxxxx do-15 2000 tape & reel ela std rs-296e p6kexxxxx-b do-15 500 box concord packing spec c b a a d dim inches millimeters min max min max 1.000 25.40 b 0.230 0.300 5.80 7.60 c 0.028 0.034 0.71 0.86 d 0.104 0.140 2.60 3.60 unit:mm part numbering system vo lta ge code (r ef er to the electrical characteristics t able) t ype code: a uni-directional ( 5% vo lt age t olerance) ca b i-directional option code: blank r eel t ape -b bulk pa c kaging series code xx xx x x do-204al (do-15) p6ke circuit prote ct io n system
page:6 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. ruilongyuan electronics co., ltd. reproducing and modifying information of the document is prohibited without permission from ruilongyuan international inc. ruilongyuan international inc. reserves the rights to make changes of the content herein the document anytime without noti?cation. please refer to our website for the latest document. ruilongyuan international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ruilongyuan international inc. does not assume any and all implied warranties, including warranties of ?tness for particular purpose, non-infringement and merchantability. applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications.ruilongyuan international inc. makes no representation or warranty that such applications will be suitable for the specifed use without further testing or modifcation. the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment,aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fullyindemnify ruilongyuan international inc. for any damages resulting from such improper use or sale. tel: +86-755-8290 8296 fax: +86-755-8290 8002 e-mail: jack@ruilon.com circuit prote ct io n system


▲Up To Search▲   

 
Price & Availability of P6KE22CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X